| データシートサーチシステム |
|
MSA2805S/883 データシート(PDF) 4 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MSA2805S/883 データシート(HTML) 4 Page - Interpoint Corporation Company |
|
4 / 8 page ![]() MODEL NUMBERING KEY SMD NUMBERS PIN OUT 4 MSA SERIES 5 WATT DC/DC CONVERTERS MSA 28 12 D / 883 Base Model Input Voltage Output Voltage Number of Outputs (S = single, D = dual) (R = decimal point, 5R2 = 5.2 Vout) Screening (Standard screening has no designator in this position.) Pin Single Output Dual Output 1 Positive Output Positive Output 2 Output Common Output Common 3 No connection Negative Output 4 No connection No connection 5 Inhibit Inhibit 6 Positive Input Positive Input 7 Input Common Input Common 8 Case Ground Case Ground STANDARD MICROCIRCUIT DRAWING (SMD) 5962-9309201HXC IN PROCESS 5962-9309301HXC 5962-9309401HXC 5962-0052201HXC 5962-9308901HXC 5962-9309001HXC MSA SERIES SIMILAR PART MSA2805S/883 MSA285R2S/883 MSA2812S/883 MSA2815S/883 MSA2860S/883 MSA2812D/883 MSA2815D/883 For exact specifications for an SMD product, refer to the SMD drawing. Call your Interpoint representative for status on MSA SMD releases. “883” suffix indicates SMD similar part. SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr BOTTOM VIEW MSA 876 5 4 3 2 1 Squared corner and dot on top of package indicate pin one. FIGURE 1: PIN OUT BOTTOM VIEW See page 7 for dimensions. |