| データシートサーチシステム |
|
MOR283R3DY/883 データシート(PDF) 14 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MOR283R3DY/883 データシート(HTML) 14 Page - Interpoint Corporation Company |
|
14 / 16 page ![]() 14 MOR SERIES 120 WATT DC/DC CONVERTERS Bathtub Seam Seal 0.250 (6.35) Typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 0.140 dia (3.56) 0.000 0.250 (6.35) Typ. 1.750 (44.45) 2.000 (50.80) PIN-SIDE VIEW CASE Y* (Tabbed case, straight leads) 0.000 0.220 (5.59) 0.400 (10.16) max. 0.30 ±0.05 (7.6 ±1.3) Lead Detail 3.10 (78.7) Reference 0.040 dia (1.02) 1 2 3 4 5 6 12 11 10 9 8 7 Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. *Requires case option designator added to model number: MOR2805SY FIGURE 58 |