| データシートサーチシステム |
|
MRH2815DF/ES データシート(PDF) 7 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MRH2815DF/ES データシート(HTML) 7 Page - Interpoint Corporation Company |
|
7 / 9 page ![]() B8-22 CASE J CASES Materials Header Case J1 Cold Rolled Steel/Nickel/Gold Cases J2 - J5 Cold Rolled Steel/Nickel/Tin Cover Case J1 Kovar/Nickel Case J2 - J5 Cold Rolled Steel/Nickel/Tin Pins #52 alloy (all cases) Case J1 MHV Series Triple – compression glass seal MTR Series Triple – ceramic seal Cases J2 - J5 compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CASE J BOTTOM VIEW See Figures 36 - 40 for pin configuration 1.350 max (34.29) CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. Flange Thickness: Cases J1 and J5 0.060 (1.52) Case J2 0.073 (1.85) max Cases J3 and J4 0.067 +0.005/-0.007 (1.70 +0.13/-0.8) 2.720 max (69.09) Dot on top of case indicates pin one FIGURE 35: CASE J MAXIMUM DIMENSIONS Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy. |