| データシートサーチシステム |
|
GS2107-WTBD データシート(PDF) 72 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
GS2107-WTBD データシート(HTML) 72 Page - Mitsubishi Electric Semiconductor |
|
72 / 252 page ![]() 11 - 2 11.1 Standard I/F Setting 11.1.3 Display contents of standard I/F Described below are the display items on the standard I/F setting menu and their functions. ■1. Display item (1) Standard interface display BOX The standard interface includes the following four types. Standard I/F-1(RS422): For communication with PLC, microcomputer and other equipment Standard I/F-2(RS232): For communication with PLC, PC (drawing software), modem, other equipment, bar code reader and transparent Standard I/F-3(USB): For communication with PC (drawing software) and transparent Standard I/F-4(Ethermet): For communication with PC (drawing software) and other equipment (2) Channel No. specification menu BOX Set a channel number to be used by the standard interface. ➠ 11.1.5 Channel setting operation For the detail of the drivers which can be assigned to each channel, refer to this section (3). • "9" is automatically set to the standard I/F-3(USB). 0: Set when the communication interface is not used. 1, 2: Set when connecting to a controller. 8: Set when connecting to a bar code reader or RFID. 9:*1 Set when connecting to a PC (drawing software). *: Set this channel when the gateway function (except when the connection with controllers is the Ethernet connection) or the Ethernet download function is used. Standard interface display BOX Channel No. specification menu BOX Driver display BOX Drv button Standard I/F-3(USB) Standard I/F-1(RS-422) Standard I/F-4(Ethernet) Standard I/F-2(RS-232) |