| データシートサーチシステム |
|
SMTR2805S/KR データシート(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMTR2805S/KR データシート(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 12 page ![]() 8 SMTR SERIES 30 WATT DC/DC CONVERTERS ® Materials Header Case K3 Cold Rolled Steel/Nickel/Gold Case K8 Cold Rolled Steel/Nickel/Tin Cover Case K3 Kovar/Nickel Case K8 Cold Rolled Steel/Nickel/Tin Pins #52 alloy (all cases) Case K3 ceramic seal Case K8 compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CASE K BOTTOM VIEW See Figures 40 and 41 for pin configuration CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. Flange Thickness: Case K3 0.060 (1.52) Case K50.067 +0.005/-0.007 (1.70 +0.13/-0.8) 1.125 max (28.58) 2.910 max (73.91) Dot on top of case indicates pin one FIGURE 24: CASE K MAXIMUM DIMENSIONS |