| データシートサーチシステム |
|
LC4HL-R6-AC240VS データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC4HL-R6-AC240VS データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 8 page ![]() Features 1. Low Price All this at an affordable price to provide you with unmatched cost performance. 2. Display is a bright reflective-type LCD. 3. Inherits all of the characteristics of the LC4H digital timer. • Seesaw switches ensure easy operation. • IP66 environmental protection. • Shortened body (pin type: 70.1 mm 2.760 inch, screw type: 64.5 mm 2.539 inch underhead). 4. Compliant with UL, c-UL and CE. 48 1.890 48 1.890 64.5 2.539 AEL11 Series (4-digit display) AEL13 Series (6-digit display) Pin type Screw terminal type Digit Count speed Output mode Output Operating voltage Power down insurance Terminal type Part number 4 6 30 Hz (cps)/ 5 KHz (Kcps) switchable • Maintain output/hold count • Maintain output/over count I • Maintain output/over count II • One shot/over count • One shot/recount I • One shot/recount II • One shot/hold count (7 modes) Relay (1c) Transistor (1a) Relay (1c) Transistor (1a) 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 24 V AC/DC 24 V AC/DC 24 V AC/DC 24 V AC/DC Available 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal LC4HL-R4-AC240V LC4HL-R4-AC240VS LC4HL-R4-DC24V LC4HL-R4-DC24VS LC4HL-T4-AC240V LC4HL-T4-AC240VS LC4HL-T4-DC24V LC4HL-T4-DC24VS LC4HL-R6-AC240V LC4HL-R6-AC240VS LC4HL-R6-DC24V LC4HL-R6-DC24VS LC4HL-T6-AC240V LC4HL-T6-AC240VS LC4HL-T6-DC24V 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins LC4HL8-R4-AC240V LC4HL8-R4-DC24V LC4HL8-T4-AC240V LC4HL8-T4-DC24V LC4HL8-R6-AC240V LC4HL8-R6-DC24V LC4HL8-T6-AC240V LC4HL8-T6-DC24V LC4HL-T6-DC24VS 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal LC4HL-R4-AC24V LC4HL-R4-AC24VS LC4HL-T4-AC24V LC4HL-T4-AC24VS LC4HL-R6-AC24V LC4HL-R6-AC24VS LC4HL-T6-AC24V 8 pins 8 pins 8 pins 8 pins LC4HL8-R4-AC24V LC4HL8-T4-AC24V LC4HL8-R6-AC24V LC4HL8-T6-AC24V LC4HL-T6-AC24VS Product types LC4H/-L * A rubber gasket (ATC18002) and a mounting frame (AT8-DA4) are included. mm inch UL File No.: E122222 C-UL File No.: E122222 LC4H-L Counters All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |