データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS-T6 データシート(PDF) 33 Page - IDEC Corporation

部品番号 LS-T6
部品情報  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDEC [IDEC Corporation]
ホームページ  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 データシート(HTML) 33 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 29Page - IDEC Corporation LS-T6 Datasheet HTML 30Page - IDEC Corporation LS-T6 Datasheet HTML 31Page - IDEC Corporation LS-T6 Datasheet HTML 32Page - IDEC Corporation LS-T6 Datasheet HTML 33Page - IDEC Corporation LS-T6 Datasheet HTML 34Page - IDEC Corporation LS-T6 Datasheet HTML 35Page - IDEC Corporation LS-T6 Datasheet HTML 36Page - IDEC Corporation LS-T6 Datasheet HTML 37Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
33
Mounting Hole
R0.8 max.
0
+0.4
+0.2
0
ø22.
3
3.2
Determine the minimum mounting hole centers
in consideration of convenience for wiring.
HW1E-BV4
Terminal Arrangement (Bottom View)
HW1E-LV4
All dimensions in mm.
HW Series Emergency Stop Switches ø22
Dimensions
HW1E-BV4
HW1E-LV4
0.5
Panel Thickness 0.8 to 6
Gasket
46
48
11.5
32
M3.5 Terminal Screw
Locking Ring
Gasket
ø40
63
23.5
32
14
Panel Thickness 0.8 to 6
0.5
Locking Ring
Lamp Terminal
M3.5 Terminal Screw
M3.5 Terminal Screw
1NO-1NC
TOP
22 (NC)
13 (NO)
14 (NO)
21 (NC)
2NC
X2
TOP
22 (NC)
11 (NC)
12 (NC)
21 (NC)
1NO-1NC
2NC
LAMP
X1
X2
TOP
22 (NC)
13 (NO)
14 (NO)
21 (NC)
LAMP
X1
X2
TOP
22 (NC)
11 (NC)
12 (NC)
21 (NC)
HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64