| データシートサーチシステム |
|
EASY512-DC-R データシート(PDF) 1 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EASY512-DC-R データシート(HTML) 1 Page - Eaton All Rights Reserved. |
|
1 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-19 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays EASY Intelligent Relays Contents Description Page EASY Intelligent Relays EASY500/700/800 Intelligent Relays . . . . . . . . V7-T40-20 EASY/MFD Expansion Modules . . . . . . . . . . . . V7-T40-25 MFD Intelligent Relays . . . . . . . . . . . . . . . . . . . V7-T40-28 EASY/MFD Communication Modules . . . . . . . V7-T40-33 EASY/MFD Power Supplies, Accessories and Software . . . . . . . . . . . . . . . . . . . . . . . . . V7-T40-36 Drawings Online Product Overview The EASY Intelligent Relays combine timers, relays, counters, special functions, inputs and outputs into one compact device that is easily programmed. The EASY family of products provides an exception level of flexibility together with substantial savings of commissioning time and effort. The EASY Intelligent Relays are available in more than 35 styles that support from 12 I/O up to a network of up to 320 I/O points providing the ideal solution for lighting, energy management, industrial control, irrigation, pump control, HVAC and home automation. Once EASY products are installed, changes are easily accomplished through front panel programming, eliminating the need to change wiring and minimizing downtime. Application Description The EASY Intelligent Relays excel in traditional applications where multiple relays, timers and pushbuttons are used. Applications span residential, commercial and industrial installations. Typical control applications are: ● Car washes ● Automatic doors ● Commercial and residential lighting ● Pump control ● 12 Vdc automotive ● Greenhouse ● Machinery ● Irrigation ● Heating and air conditioning |
同様の部品番号 - EASY512-DC-R |
|
同様の説明 - EASY512-DC-R |