| データシートサーチシステム |
|
ORG4572-R01-UAR データシート(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ORG4572-R01-UAR データシート(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 40 page ![]() Page 39 of 40 Multi Spider - ORG4572 Datasheet Revision 3.0 November 23, 2014 26.2. CARRIER TAPE Carrier tape material - polystyrene with carbon (PS+C). Cover tape material – polyester based film with heat activated adhesive coating layer. FIGURE 23 – CARRIER TAPE mm inch A0 8.3 ± 0.1 0.327 ± 0.004 B0 8.3 ± 0.1 0.327 ± 0.004 K0 2.7 ± 0.1 0.106 ± 0.004 F 7.5 ± 0.1 0.295 ± 0.004 P1 12.0 ± 0.1 0.472 ± 0.004 W 16.0 ± 0.3 0.630 ± 0.012 TABLE 18 – CARRIER TAPE DIMENSIONS 26.3. REEL Reel material - antistatic plastic. FIGURE 24 – REEL SUFFIX TR1 TR2 mm inch mm inch ØA 178.0 ± 1.0 7.00 ± 0.04 330.0 ± 2.0 13.00 ± 0.08 ØN 60.0 ± 1.0 2.36 ± 0.04 102.0 ± 2.0 4.02 ± 0.08 W1 16.7 ± 0.5 0.66 ± 0.02 16.7 ± 0.5 0.66 ± 0.02 W2 19.8 ± 0.5 0.78 ± 0.02 22.2 ± 0.5 0.87 ± 0.02 TABLE 19 – REEL DIMENSIONS |