データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRS2113-2PBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRS2113-2PBF
部品情報  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRS2113-2PBF データシート(HTML) 3 Page - International Rectifier

  IRS2113-2PBF Datasheet HTML 1Page - International Rectifier IRS2113-2PBF Datasheet HTML 2Page - International Rectifier IRS2113-2PBF Datasheet HTML 3Page - International Rectifier IRS2113-2PBF Datasheet HTML 4Page - International Rectifier IRS2113-2PBF Datasheet HTML 5Page - International Rectifier IRS2113-2PBF Datasheet HTML 6Page - International Rectifier IRS2113-2PBF Datasheet HTML 7Page - International Rectifier IRS2113-2PBF Datasheet HTML 8Page - International Rectifier IRS2113-2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.irf.com
3
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
PRELIMINARY
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
7
—
130
160
VS = 0 V
toff
Turn-off propagation delay
8
—
120
150
tsd
Shutdown propagation delay
9
—
130
160
tr
Turn-on rise time
10
—
25
35
tf
Turn-off fall time
11
—
17
25
MT
Delay matching, HS & LS
(IRS2110)
—
—
—
10
turn-on/off
(IRS2113)
—
—
—
20
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, CL = 1000 pF, TA = 25 °C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Fig. 3.
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
12
9.5
—
—
VIL
Logic “0” input voltage
13
—
—
6.0
VOH
High level output voltage, VBIAS - VO
14
—
—
1.2
IO = 0 A
VOL
Low level output voltage, VO
15
—
—
0.15
IO = 20 mA
ILK
Offset supply leakage current
16
—
—
50
VB=VS = 500 V/600 V
IQBS
Quiescent VBS supply current
17
—
125
230
IQCC
Quiescent VCC supply current
18
—
180
340
IQDD
Quiescent VDD supply current
19
—
15
30
IIN+
Logic “1” input bias current
20
—
20
40
VIN = VDD
IIN-
Logic “0” input bias current
21
—
—
1.0
VIN = 0 V
VBSUV+
VBS supply undervoltage positive going
22
7.5
8.6
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
23
7.0
8.2
9.4
threshold
VCCUV+
VCC supply undervoltage positive going
24
7.4
8.5
9.6
threshold
VCCUV-
VCC supply undervoltage negative going
25
7.0
8.2
9.4
threshold
IO+
Output high short circuit pulsed current
26
2.0
2.5
—
VO = 0 V, VIN = VDD
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
27
2.0
2.5
—
VO = 15 V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, TA = 25 °C and VSS = COM unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN, and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
V
µA
V
A
VS = 500 V/600 V
VIN = 0 V or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com