| データシートサーチシステム |
|
MRSS-V0DR10THJT データシート(PDF) 5 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
MRSS-V0DR10THJT データシート(HTML) 5 Page - TE Connectivity Ltd |
|
5 / 5 page ![]() te.com ©2022 TE Connectivity. All Rights Reserved. TE Connectivity, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might be trademarks of their respective owners. The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application. 05/22 TJ INDUSTRIAL / MRSS - MINIATURE ROTARY SWITCH SERIES ORDERING INFORMATION Part Number MRSS - __ __ __ __ __ __ __ __ Actuator Orientation V Vertical H Horizontal Configuration/Pitch/Colour Cover or Bracket/Marking 0 DIP/2.54/Gray/LASER 1 DIP/2.54/Black/Printed 4 SIP/1.27/Stainless Steel/LASER Packaging T Tube TR Tape and reel Solder Terminal Configuration J J-Lead GW Gullwing Blank Through Hole Termination Type SM Surface Mount TH Through Hole Position 10 16 Actuator Type D Screw driver slot, Flush Code C Complement G Gray R Real |