データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRSS-H0DR10THJT データシート(PDF) 5 Page - TE Connectivity Ltd

部品番号 MRSS-H0DR10THJT
部品情報  MRSS - MINIATURE ROTARY SWITCH SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MRSS-H0DR10THJT データシート(HTML) 5 Page - TE Connectivity Ltd

  MRSS-H0DR10THJT Datasheet HTML 1Page - TE Connectivity Ltd MRSS-H0DR10THJT Datasheet HTML 2Page - TE Connectivity Ltd MRSS-H0DR10THJT Datasheet HTML 3Page - TE Connectivity Ltd MRSS-H0DR10THJT Datasheet HTML 4Page - TE Connectivity Ltd MRSS-H0DR10THJT Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
te.com
©2022 TE Connectivity. All Rights Reserved.
TE Connectivity, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might be
trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE
Connectivity makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be
as set forth in TE Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will
TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale,
use or misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific
application.
05/22  TJ
INDUSTRIAL / MRSS - MINIATURE ROTARY SWITCH SERIES
ORDERING INFORMATION
Part Number
MRSS - __ __ __ __ __ __ __ __
Actuator Orientation
V
Vertical
H
Horizontal
Configuration/Pitch/Colour
Cover or Bracket/Marking
0
DIP/2.54/Gray/LASER
1
DIP/2.54/Black/Printed
4
SIP/1.27/Stainless Steel/LASER
Packaging
T
Tube
TR
Tape and reel
Solder Terminal Configuration
J
J-Lead
GW
Gullwing
Blank
Through Hole
Termination Type
SM
Surface Mount
TH
Through Hole
Position
10
16
Actuator Type
D
Screw driver slot, Flush
Code
C
Complement
G
Gray
R
Real



Html Pages

1 2 3 4 5