| データシートサーチシステム |
|
RACF データシート(PDF) 2 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RACF データシート(HTML) 2 Page - Stackpole Electronics, Inc. |
|
2 / 4 page ![]() Rev Date: 03/26/2020 2 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RACF Series Concave Termination Chip Resistor Array Stackpole Electronics, Inc. Resistive Product Solutions Schematics 2 Resistors / 4 Terminations (D) 4 Resistors / 8 Terminations (D) 8 Resistors / 10 Terminations (N/R) 8 Resistors / 10 Terminations (M) Isolated Circuit - D Bussed Circuit - M Bussed Circuit - N Bussed Circuit - R Terminations Mechanical Specifications Recommended Pad Layout 0.039 ± 0.004 0.039 ± 0.004 0.012 ± 0.004 0.020 0.012 ± 0.004 0.010 ± 0.004 0.007 ± 0.004 inches 1.00 ± 0.10 1.00 ± 0.10 0.30 ± 0.10 0.50 0.30 ± 0.10 0.25 ± 0.10 0.18 ± 0.10 mm 0.079 ± 0.004 0.039 ± 0.004 0.016 ± 1.000 0.020 0.012 ± 0.004 0.010 ± 0.004 0.006 ± 0.004 inches 2.00 ± 0.10 1.00 ± 0.10 0.40 ± 0.10 0.50 0.30 ± 0.10 0.25 ± 0.10 0.15 ± 0.10 mm 0.126 ± 0.008 0.063 ± 0.006 0.024 ± 0.006 0.031 0.016 ± 0.008 0.016 ± 0.008 0.012 ± 0.008 inches 3.20 ± 0.20 1.60 ± 0.15 0.60 ± 0.15 0.80 0.40 ± 0.20 0.40 ± 0.20 0.30 ± 0.20 mm 0.200 ± 0.008 0.118 ± 0.008 0.024 ± 0.004 0.050 0.031 ± 0.004 0.020 ± 0.008 0.022 ± 0.008 inches 5.08 ± 0.20 3.00 ± 0.20 0.60 ± 0.10 1.27 0.80 ± 0.10 0.50 ± 0.20 0.55 ± 0.20 mm 0.157 ± 0.008 0.083 ± 0.008 0.024 ± 0.004 0.031 0.020 ± 0.008 0.016 ± 0.008 0.010 ± 0.008 0.012 ± 0.008 inches 4.00 ± 0.20 2.10 ± 0.20 0.60 ± 0.10 0.80 0.50 ± 0.20 0.40 ± 0.20 0.25 ± 0.20 0.30 ± 0.20 mm 0.252 ± 0.008 0.122 ± 0.008 0.024 ± 0.004 0.050 0.028 ± 0.008 0.020 ± 0.008 0.014 ± 0.006 inches 6.40 ± 0.20 3.10 ± 0.20 0.60 ± 0.10 1.27 0.70 ± 0.20 0.50 ± 0.20 0.35 ± 0.15 mm 0.252 ± 0.008 0.122 ± 0.008 0.024 ± 0.004 0.050 0.028 ± 0.008 0.020 ± 0.008 0.014 ± 0.006 inches 6.40 ± 0.20 3.10 ± 0.20 0.60 ± 0.10 1.27 0.70 ± 0.20 0.50 ± 0.20 0.35 ± 0.15 mm Unit E End Termination L Body Length W Body Width H Body Height P Element Spacing Q Termination Width RACF648N RACF648R Type / Code / # of Elements / Circuit Type RACF102D RACF324D RACF408M RACF164D RACF104D - - - - D Bottom Termination A Top Termination - - Type A B P Q1 Q2 Unit 0.020 0.079 0.020 0.011 0.009 inches 0.50 2.00 0.50 0.28 0.22 mm RACF102D |