データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RMCF データシート(PDF) 1 Page - Stackpole Electronics, Inc.

部品番号 RMCF
部品情報  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEI [Stackpole Electronics, Inc.]
ホームページ  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF データシート(HTML) 1 Page - Stackpole Electronics, Inc.

  RMCF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev Date: 7/22/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
RMCF
– standard power ratings
RMCP
– high power ratings
Nickel barrier terminations standard
Power derating from 100% at 70ºC to zero at +155ºC
AEC-Q200 compliant (except RMCP0201)
RoHS compliant and halogen free
REACH compliant
For ultra high power, see RMCP-UP Series
– Thick Film Ultra High Power Chip Resistor
Electrical Specifications - RMCF
1%
5%
± 300
± 200
± 400
± 200
± 200
± 100
± 200
1.02M - 10M
1.1M - 20M
± 500
± 400
± 200
1 - 9.76
1 - 20M
± 100
10 - 1M
-
± 200
1.02M - 10M
-
± 200
0.1 - 9.76
0.1 - 20M
± 100
10 - 1M
-
± 200
1.02M - 10M
-
± 200
0.1 - 9.76
0.1 - 20M
± 100
10 - 1M
-
± 200
1.02M - 10M
-
± 200
± 400
± 100
± 200
± 400
± 200
-
10 - 10M
± 100
10 - 10M
-
± 200
± 400
± 200
-
10 - 10M
± 100
10 - 10M
-
Notes:
(2) Contact Stackpole for higher or lower values
400
2
0.1 - 0.976
1 - 9.76
10 - 10M
1 - 9.76
1
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
(2)
10 - 10M
10 - 1M
1 - 9.76
10 - 97.6
100 - 1M
1
75
0.1
2
0.5 - 0.976
0.1 - 0.499
50
100
0.125
150
300
RMCF0402
RMCF2010
RMCF2512
1
0.75
RMCF1206
0.25
RMCF1210
0.5
RMCF0603
RMCF0805
0.063
RMCF0201
0.5
Type/Code
Power Rating
(W)
@ 70ºC
Max.
Working
Voltage (V)
(1)
Max.
Overload
Voltage (V)
Max.
Jumper Current
(A)
RMCF01005
0.03
15
30
0.5
0.05
25
50
200
400
3
150
(1) Lesser of
or maximum working voltage
200
400
400
0.1 - 0.976
1 - 9.76
3
0.1 - 0.976
1 - 9.76
3
200
200
√ P*R


同様の部品番号 - RMCF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RMCF0201 ETC2-RMCF0201 Datasheet
142Kb / 3P
General Purpose thick Film Standard Power and High Power Chip Resistor
RMCF0402 ETC2-RMCF0402 Datasheet
142Kb / 3P
General Purpose thick Film Standard Power and High Power Chip Resistor
logo
Texas Instruments
RMCF0402FT1K50 TI-RMCF0402FT1K50 Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
RMCF0402FT1M00 TI-RMCF0402FT1M00 Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
logo
List of Unclassifed Man...
RMCF0402FT270R ETC2-RMCF0402FT270R Datasheet
262Kb / 8P
General Purpose Thick Film Standard Power and High Power Chip Resistor
More results

同様の説明 - RMCF

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
Thick Film Chip Resistor General Purpose
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
Thick Film Chip Resistor General Purpose
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
General Purpose Thick Film Chip Resistor
logo
List of Unclassifed Man...
RMCF0402 ETC2-RMCF0402 Datasheet
142Kb / 3P
General Purpose thick Film Standard Power and High Power Chip Resistor
RMCF0402FT270R ETC2-RMCF0402FT270R Datasheet
262Kb / 8P
General Purpose Thick Film Standard Power and High Power Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com