| データシートサーチシステム |
|
RPCA データシート(PDF) 7 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RPCA データシート(HTML) 7 Page - Stackpole Electronics, Inc. |
|
7 / 13 page ![]() Rev Date: 8/11/2022 7 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RPCA Series Automotive Grade Surge Withstanding Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Recommended Pad Layout Type/Code a b c Unit 0.020 0.018 0.024 inches 0.50 0.45 0.60 mm 0.035 0.024 0.035 inches 0.90 0.60 0.90 mm 0.047 0.028 0.051 inches 1.20 0.70 1.30 mm 0.079 0.035 0.063 inches 2.00 0.90 1.60 mm 0.079 0.035 0.110 inches 2.00 0.90 2.80 mm 0.150 0.035 0.110 inches 3.80 0.90 2.80 mm 0.193 0.039 0.134 inches 4.90 1.00 3.40 mm RPCA1210 RPCA2010 RPCA2512 RPCA0402 RPCA0603 RPCA0805 RPCA1206 |