データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NAND512-B データシート(PDF) 35 Page - STMicroelectronics

部品番号 NAND512-B
部品情報  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B データシート(HTML) 35 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 31Page - STMicroelectronics NAND512-B Datasheet HTML 32Page - STMicroelectronics NAND512-B Datasheet HTML 33Page - STMicroelectronics NAND512-B Datasheet HTML 34Page - STMicroelectronics NAND512-B Datasheet HTML 35Page - STMicroelectronics NAND512-B Datasheet HTML 36Page - STMicroelectronics NAND512-B Datasheet HTML 37Page - STMicroelectronics NAND512-B Datasheet HTML 38Page - STMicroelectronics NAND512-B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
35/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
Figure 21. Block Protection State Diagram
Note: PRL must be High for the software commands to be accepted.
AI08663b
Locked
Locked-Down
Unlocked in
Locked Area
Power-Up
Block Unlock
Command
Blocks Lock-Down
Command
WP VIL >100ns
Blocks Lock
Command
WP VIL >100ns
(start + end block address)
Unlocked in
Locked-Down
Area
Blocks Lock-Down
Command
WP VIL >100ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59