| データシートサーチシステム |
|
NAND01G-B データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND01G-B データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 59 page ![]() NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B 16/59 Table 6. Address Insertion, x8 Devices Note: 1. Any additional address input cycles will be ignored. 2. The fifth cycle is valid for 2Gb, 4Gb and 8Gb devices. A28 is for 2Gb devices, A29-A28 are for 4Gb devices and A30-A28 for 8Gb devices only. Table 7. Address Insertion, x16 Devices Note: 1. Any additional address input cycles will be ignored. 2. The fifth cycle is valid for 2Gb, 4Gb and 8Gb devices. A27 is for 2Gb devices, A28-A27 are for 4Gb devices and A29-A27 for 8Gb devices. Bus Cycle I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 1st A7 A6 A5 A4 A3 A2 A1 A0 2nd VIL VIL VIL VIL A11 A10 A9 A8 3rd A19 A18 A17 A16 A15 A14 A13 A12 4th A27 A26 A25 A24 A23 A22 A21 A20 5th(2) VIL VIL VIL VIL VIL A30 A29 A28 Bus Cycle I/O8- I/O15 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 1st X A7 A6 A5 A4 A3 A2 A1 A0 2nd X VIL VIL VIL VIL VIL A10 A9 A8 3rd X A18 A17 A16 A15 A14 A13 A12 A11 4th X A26 A25 A24 A23 A22 A21 A20 A19 5th(2) X VIL VIL VIL VIL VIL A29 A28 A27 |