データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP19NF20 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STP19NF20
部品情報  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP19NF20 データシート(HTML) 6 Page - STMicroelectronics

Back Button STP19NF20 Datasheet HTML 2Page - STMicroelectronics STP19NF20 Datasheet HTML 3Page - STMicroelectronics STP19NF20 Datasheet HTML 4Page - STMicroelectronics STP19NF20 Datasheet HTML 5Page - STMicroelectronics STP19NF20 Datasheet HTML 6Page - STMicroelectronics STP19NF20 Datasheet HTML 7Page - STMicroelectronics STP19NF20 Datasheet HTML 8Page - STMicroelectronics STP19NF20 Datasheet HTML 9Page - STMicroelectronics STP19NF20 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Figure 7. Static drain-source on-resistance
Figure 8. Normalized V(BR)DSS vs temperature
V
(BR)DSS
(norm.)
Figure 9. Gate charge vs gate-source voltage
Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs
temperature
Figure 12. Normalized on-resistance vs temperature
STB19NF20,STD19NF20,STF19NF20,STP19NF20
Electrical characteristics (curves)
DS4935 - Rev 7
page 6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30