| データシートサーチシステム |
|
SGP41-D-R4 データシート(PDF) 20 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SGP41-D-R4 データシート(HTML) 20 Page - Sensirion AG Switzerland |
|
20 / 22 page ![]() www.sensirion.com version 1.0 – December 2021 20/22 6 Ordering Information Use the part names and product numbers shown in the following table when ordering the SGP41 gas sensor and accessories. For the latest product information and local distributors, visit www.sensirion.com. Part Name Description Ordering size Product Number SGP41-D-R4 SGP41 sensor components as tape on reel 2’500 pcs 3.000.060 SEK-SVM4x Evaluation Kit 1 SVM41 PCB equipped with SGP41, an SHT40, and an MCU; 1 USB cable; 1 jumper wire cable; direct humidity compensated VOC and NOx Index output via UART or I2C interface www.sensirion.com/my-sgp-ek 1 pc 3.000.630 Table 20 SGP41 ordering options. 6.1 Packaging Information Figure 20 Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right and trailer tape to the left on this drawing. Dimensions are given in millimeters. |