| データシートサーチシステム |
|
SOC3810HRT データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SOC3810HRT データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() 1 Electrical ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCBO Collector-base voltage (IE = 0) -60 V VCEO Collector-emitter voltage (IB = 0) -60 V VEBO Emitter-base voltage (IC = 0) -5 V IC Collector current -50 mA PTOT Total dissipation at Tamb ≤ 25 °C for Flat-8 (1) 0.5 W for Flat-8 (2) 0.6 for LCC-6 (1) 0.5 for LCC-6 (2) 0.6 TSTG Storage temperature range -65 to 200 °C TJ Max. operating junction temperature 200 °C 1. One section. 2. Both sections. Table 2. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient max for Flat-8(1) 350 °C/W for Flat-8 (2) 292 for LCC-6(1) 350 for LCC-6(2) 292 1. One section. 2. Both sections. 2N3810HR Electrical ratings DS6098 - Rev 9 page 2/14 |