| データシートサーチシステム |
|
SPC584G80C3 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80C3 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 139 page ![]() Electrical characteristics SPC584Gx, SPC58EGx, SPC58NGx 24/139 DS11758 Rev 6 4.6 Temperature profile The device is qualified in accordance to AEC-Q100 Grade1 requirements, such as HTOL 1,000 h and HTDR 1,000 hrs, TJ =150 °C. |