| データシートサーチシステム |
|
SPC58NG80C3 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NG80C3 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 139 page ![]() DS11758 Rev 6 17/139 SPC584Gx, SPC58EGx, SPC58NGx Electrical characteristics 18 IINJ SR T Maximum DC injection current for each analog/digital PAD(7) —–5 — 5 mA TSTG SR T Maximum non- operating Storage temperature range — –55 — 125 °C TPAS SR C Maximum nonoperating temperature during passive lifetime —–55 — 150(8) °C TSTORAGE SR — Maximum storage time, assembled part programmed in ECU No supply; storage temperature in range –40 °C to 60 °C — — 20 years TSDR SR T Maximum solder temperature Pb- free packaged(9) —— — 260 °C MSL SR T Moisture sensitivity level(10) —— — 3 — TXRAY dose SR T Maximum cumulated XRAY dose Typical range for X-rays source during inspection:80 ÷ 130 KV; 20 ÷ 50 μA —— 1 grey 1. VDD_LV: allowed 1.335 V - 1.400 V for 60 seconds cumulative time at the given temperature profile. Remaining time allowed 1.260 V - 1.335 V for 10 hours cumulative time at the given temperature profile. Remaining time as defined in Section 4.3: Operating conditions. 2. VDD_LV_BD: allowed 1.450 V - 1.500 V for 60 seconds cumulative time at the given temperature profile. Remaining time allowed 1.375 V - 1.450 V for 10 hours cumulative time at maximum TJ = 125 °C. Remaining time as defined in Section 4.3: Operating conditions. 3. VDD_HV: allowed 5.5 V – 6.0 V for 60 seconds cumulative time at the given temperature profile, for 10 hours cumulative time with the device in reset at the given temperature profile. Remaining time as defined in Section 4.3: Operating conditions. 4. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current condition on a pin, the voltage will be equal to the supply plus the voltage drop across the internal ESD diode from I/O pin to supply. The diode voltage varies greatly across process and temperature, but a value of 0.3 V can be used for nominal calculations. 5. Relative value can be exceeded if design measures are taken to ensure injection current limitation (parameter IINJ). Table 4. Absolute maximum ratings (continued) Symbol C Parameter Conditions Value Unit Min Typ Max |