| データシートサーチシステム |
|
STA335BWSQS データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BWSQS データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 70 page ![]() Package information STA335BWSQS 66/70 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 22. PowerSSO-36 (slug-up) mechanical data and package dimensions OUTLINE AND MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 2.15 2.47 0.084 0.097 A2 2.15 2.40 0.084 0.094 a1 0 0.075 0 0.003 b 0.18 0.36 0.007 0.014 c 0.23 0.32 0.009 0.012 D (1) 10.10 10.50 0.398 0.413 E (1) 7.4 7.6 0.291 0.299 e 0.5 0.019 e3 8.5 0.335 F 2.3 0.090 G 0.10 0.004 G1 0.06 0.002 H 10.10 10.50 0.398 0.413 h 0.40 0.016 k5˚ 5˚ L 0.55 0.90 0.022 0.035 M 4.3 0.169 N 10˚ 10˚ O 1.2 0.047 Q 0.8 0.031 S 2.9 0.114 T3.65 0.144 U 1.0 0.039 X 4.1 4.7 0.161 0.185 Y 6.5 7.3 0.256 0.287 (1) "D” and “E" do not include mold flash or protrusions Mold flash or protrusions shall not exceed 0.15 mm per side(0.006”) PowerSSO-36 7587131 A (slug-down) G LEAD COPLANARITY BOTTOM VIEW D e3 0.1 A M B b e A Y T M L hx45û U O B |