| データシートサーチシステム |
|
ST7293C3B1 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7293C3B1 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 69 page ![]() 45/69 ST7294 7.2 ORDERING INFORMATION 7.2.1 Introduction The following section describes the approved pro- cedure for transfer of User Program/Data ROM Code to SGS-THOMSON Microelectronics as well as the basis for contractual agreement with re- spect to mask programmed devices. 7.2.2 Communication of the User ROM Code To formally communicate the desired Program/ Data ROM contents to SGS-THOMSON Microe- lectronics, the following must be supplied: – a file in MOTOROLA S19 FORMAT (on diskette, via electronic mail or by BBS); – a correctly completed and signed Option List form as shown overleaf. The User Code must respect the ROM Memory Map for the selected device option. The User Code must be generated using an ap- proved ST7 assembler. All unused memory loca- tions shall be set to FFh. 7.2.3 Verification and Formal Approval When SGS-THOMSON Microelectronics receives the User Code file, it will return a copy of the proc- essed file to the Customer. The Customer will then send formal notification to SGS-THOMSON Mi- croelectronics, approving the file contents. This statement and the file copies to which it refers will then form the basis of the contractual agreement between the Customer and SGS-THOMSON Mi- croelectronics and the agreed file will be used to produce the mask for the programmed MCU de- vice. The SGS-THOMSON Sales Organization will be pleased to provide detailed information relating to the above technical and contractual points. Table 14. ORDERING INFORMATION Sales Types ROM Size Temperature Range Package ST7294C6B1 6K 0to +70 °C PDIP28 ST7294C6M1 PSO28 ST7294C6B6 - 40 to +85 °C PDIP28 ST7294C6M6 PSO28 |