| データシートサーチシステム |
|
PI6C100V データシート(PDF) 13 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI6C100V データシート(HTML) 13 Page - Pericom Semiconductor Corporation |
|
13 / 13 page ![]() 210 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PS8142A 10/13/98 PI6C100 Precision Clock Synthesizer for Desktop PCs Pericom Semiconductor Corporation 2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com 48-Pin SSOP Package Data Table of Dimensions y d o B) h t d i W ( E) h t g n e L ( D)t h g i e H ( A) h c ti p n i P - o t- n i P ( e s n i p 8 4. n i M1 9 2 . 00 2 6 . 05 9 0 . 05 2 0 . 0 )l i m 0 0 3 (. x a M9 9 2 . 00 3 6 . 00 1 1 . 0- Ordering Information N / Pn o it p i r c s e D V 0 0 1 C 6 I Pe g a k c a P P O S S n i p - 8 4 7.39 7.59 0.20 0.51 1.01 0.25 0.381 0.635 .008 .008 .016 0-8˚ 0.20 0.40 .110 2.79 .010 Gauge Plane .02 .04 .015 .025 x 45˚ X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS .025 BSC 0.635 .291 .299 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS .395 .420 10.03 10.67 .620 .630 15.75 16.00 .008 .0135 0.20 0.34 1 48 Nom. Max |