| データシートサーチシステム |
|
ICS94241 データシート(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94241 データシート(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 16 page ![]() 7 ICS94241 0453C—10/26/04 Byte 7: Vendor ID and Revision ID Register Byte 8: Byte Count and Read Back Register Notes: 1. PWD = Power on Default t i BD W Pn o i t p i r c s e D 7 t i B0 d e v r e s e R 6 t i B0 d e v r e s e R 5 t i B0 d e v r e s e R 4 t i B0 d e v r e s e R 3 t i B1 d e v r e s e R 2 t i B0 d e v r e s e R 1 t i B0 d e v r e s e R 0 t i B0 d e v r e s e R t i BD W Pn o i t p i r c s e D 7 t i B0 D I r o d n e V 6 t i B0 D I r o d n e V 5 t i B1 D I r o d n e V 4 t i BX D I n o i s i v e R 3 t i BX D I n o i s i v e R 2 t i BX D I n o i s i v e R 1 t i BX D I n o i s i v e R 0 t i BX D I n o i s i v e R Byte 11: VCO Frequency Control Register Note: The decimal representation of these 7 bits (Byte 11 [6:0]) + 2 is equal to the REF divider value . t i BD W Pn o i t p i r c s e D 7 t i BX 0 t i B r e d i v i D O C V 6 t i BX 6 t i B r e d i v i D F E R 5 t i BX 5 t i B r e d i v i D F E R 4 t i BX 4 t i B r e d i v i D F E R 3 t i BX 3 t i B r e d i v i D F E R 2 t i BX 2 t i B r e d i v i D F E R 1 t i BX 1 t i B r e d i v i D F E R 0 t i BX 0 t i B r e d i v i D F E R Byte 12: VCO Frequency Control Register Note: The decimal representation of these 9 bits (Byte 12 bit [7:0] & Byte 11 bit [7] ) + 8 is equal to the VCO divider value. For example if VCO divider value of 36 is desired, user need to program 36 - 8 = 28, namely, 0, 00011100 into byte 12 bit & byte 11 bit 7. t i BD W Pn o i t p i r c s e D 7 t i BX 8 t i B r e d i v i D O C V 6 t i BX 7 t i B r e d i v i D O C V 5 t i BX 6 t i B r e d i v i D O C V 4 t i BX 5 t i B r e d i v i D O C V 3 t i BX 4 t i B r e d i v i D O C V 2 t i BX 3 t i B r e d i v i D O C V 1 t i BX 2 t i B r e d i v i D O C V 0 t i BX 1 t i B r e d i v i D O C V Byte 9: Watchdog Timer Count Register t i BD W Pn o i t p i r c s e D 7 t i B0 e s e h t f o n o i t a t n e s e r p e r l a m i c e d e h T s m 1 r o s m 0 9 2 o t d n o p s e r r o c s t i b 8 e r o f e b t i a w l l i w r e m i t g o d h c t a w e h t e h t t e s e r d n a e d o m m r a l a o t s e o g t i t l u a f e D . g n i t t e s e f a s e h t o t y c n e u q e r f 6 . 4 = s m 0 9 2 X 6 1 s i p u r e w o p t a . s d n o c e s 6 t i B0 5 t i B0 4 t i B1 3 t i B0 2 t i B0 1 t i B0 0 t i B0 Note: FS values in bit (4:0) will correspond to Byte 0 FS values. Default safe frequency is same as 00000 entry in byte0. Byte 10: VCO Control Selection Bit & Watchdog Timer Control Register t i BD W Pn o i t p i r c s e D 7 t i B0 q e r f 2 1 & 1 1 B = 1 / q e r f 0 B / w H = 0 6 t i B0 e l b a n e = 1 / e l b a s i d = 0 e l b a n E D W 5 t i B0 m r a l a = 1 / l a m r o n = 0 s u t a t S D W 4 t i B1 4 S F , y c n e u q e r F e f a S D W 3 t i B1 3 S F , y c n e u q e r F e f a S D W 2 t i B0 2 S F , y c n e u q e r F e f a S D W 1 t i B0 1 S F , y c n e u q e r F e f a S D W 0 t i B0 0 S F , y c n e u q e r F e f a S D W |