データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SHD123634P データシート(PDF) 1 Page - Sensitron

部品番号 SHD123634P
部品情報  POWER SCHOTTKY RECTIFIER Low Reverse Leakage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD123634P データシート(HTML) 1 Page - Sensitron

  SHD123634P Datasheet HTML 1Page - Sensitron SHD123634P Datasheet HTML 2Page - Sensitron SHD123634P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD123634P
SHD123634N
SHD123634D
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4668, REV. PRELIMINARY
POWER SCHOTTKY RECTIFIER
Low Reverse Leakage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra Low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Out Performs 200 Volt Ultra Fast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form Common Cathode
(N)/Common Anode(P)
150
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form Doubler (D)
120
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
1000
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 1.3 A,
L = 40mH (per leg)
27
mJ
Repetitive Avalanche
Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
1.3
A
Thermal Resistance
RthJC
Per Package
0.2
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 120A, Pulse, TJ = 25 °C
(per leg) measured at the leads
0.99
V
VF2
@ 120A, Pulse, TJ = 125 °C
(per leg) measured at the leads
0.84
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C (per leg)
0.06
mA
IR2
@VR = 100V, Pulse,
TJ = 125 °C (per leg)
6
mA
Max. Junction Capacitance
CT
@VR = 5 V, TC = 25 °C
fSIG = 1 MHz,
VSIG = 50mV (p-p) (per leg)
3000
pF
Due to the nature of the 100V Schottky devices, some degradation in trr performance at high temperatures should
be expected, unlike conventional lower voltage Schottkys.
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •


同様の部品番号 - SHD123634P

メーカー部品番号データシート部品情報
logo
Sensitron
SHD123636D SENSITRON-SHD123636D Datasheet
83Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636D SENSITRON-SHD123636D Datasheet
46Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636N SENSITRON-SHD123636N Datasheet
83Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636N SENSITRON-SHD123636N Datasheet
46Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
More results

同様の説明 - SHD123634P

メーカー部品番号データシート部品情報
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114246 SENSITRON-SHD114246 Datasheet
121Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114468 SENSITRON-SHD114468 Datasheet
52Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114645 SENSITRON-SHD114645 Datasheet
67Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114434 SENSITRON-SHD114434_08 Datasheet
63Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114536 SENSITRON-SHD114536_08 Datasheet
63Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com