データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP18N60M2 データシート(PDF) 27 Page - STMicroelectronics

部品番号 STP18N60M2
部品情報  N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18N60M2 データシート(HTML) 27 Page - STMicroelectronics

Back Button STP18N60M2 Datasheet HTML 19Page - STMicroelectronics STP18N60M2 Datasheet HTML 20Page - STMicroelectronics STP18N60M2 Datasheet HTML 21Page - STMicroelectronics STP18N60M2 Datasheet HTML 22Page - STMicroelectronics STP18N60M2 Datasheet HTML 23Page - STMicroelectronics STP18N60M2 Datasheet HTML 24Page - STMicroelectronics STP18N60M2 Datasheet HTML 25Page - STMicroelectronics STP18N60M2 Datasheet HTML 26Page - STMicroelectronics STP18N60M2 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
IMPORTANT NOTICE – PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and improvements to ST
products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST products before placing orders. ST
products are sold pursuant to ST’s terms and conditions of sale in place at the time of order acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the design of
Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. All other product or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2018 STMicroelectronics – All rights reserved
STB18N60M2, STI18N60M2, STP18N60M2, STW18N60M2
DS9714 - Rev 4
page 27/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27