データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3655 データシート(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3655
部品情報  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 データシート(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3655 Datasheet HTML 13Page - National Semiconductor (TI) LM3655 Datasheet HTML 14Page - National Semiconductor (TI) LM3655 Datasheet HTML 15Page - National Semiconductor (TI) LM3655 Datasheet HTML 16Page - National Semiconductor (TI) LM3655 Datasheet HTML 17Page - National Semiconductor (TI) LM3655 Datasheet HTML 18Page - National Semiconductor (TI) LM3655 Datasheet HTML 19Page - National Semiconductor (TI) LM3655 Datasheet HTML 20Page - National Semiconductor (TI) LM3655 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
15.0 Electrical Characteristics (Continued)
Symbol
Parameter
Min
Typ
Max
Units
V
IN
Maximum Input Voltage (V
IN), 10 mS duration (Note 6)
−0.3
-
+6.3
V
Maximum Input Voltage on all pins (Note 4) (Subject to the
condition that maximum input current is not exceeded)
−0.3
-
+5.7
V
Maximum Input Current (All Pins)
−20
-
+20
mA
θ
JA
Thermal Resistance Junction to Ambient (Notes 2, 9)
35
˚C/W
P
D
Maximum Power Dissipation (Notes 2, 9)
950
mW
T
A
Normal Operating Range (Note 5)
−20
-
+70
˚C
T
J
Junction Temperature Range (Note 10)
−20
-
+125
˚C
T
JE
Extended Junction Temperature Range (Note 8)
-
175
˚C
Storage Temperature Range
−65
-
+150
˚C
ESD (Note 3) (human body model)
2.0
-
-
kV
ESD (Note 3) (machine model)
200
-
-
V
15.2 PASS DEVICE AND POWER SUPPLY RATINGS
Unless otherwise specified, limits are provided for T
A = 25˚C and Normal Operating range
Symbol
Parameter
Min
Typ
Max
Units
Maximum NMOS M3 ON Resistance (V
GS = 2.8V)
R
ON_M3
R
ON_M3
T
A = 25˚C
Normal Operating Range (Note 5)
-
-
100
-
-
200
m
m
Maximum PMOS M4 ON Resistance (V
GS = 2.8V)
R
ON_M4
R
ON_M4
T
A = 25˚C
Normal Operating Range (Note 5)
-
-
100
-
-
150
m
m
Maximum PMOS M5 ON Resistance (V
GS = 2.8V)
R
ON_M5
R
ON_M5
T
A = 25˚C
Normal Operating Range (Note 5)
-
-
200
-
-
300
m
m
VPS
MIN
Minimum Power Supply Input Voltage Rating
−0.3
-
-
V
VPS
MAX
Maximum Power Supply Input Voltage Rating
Peak Voltage
-
-
30
V
Continuous Voltage
-
-
18
V
V
CLAMP
Maximum Clamping Voltage V
IN
(This is the maximum voltage at VIN Pin when input transient of
20 Amps or less occurs. This can happened only when Q1 fails
short)
-
-
6.30
V
15.3 IC PIN ELECTRICAL CHARACTERISTICS
Unless otherwise specified, limits are provided for T
A = 25˚C and Normal Operating range
Pin
Symbol
Test Conditions
Min
Typ
Max
Units
CELL
See Pin Voltage Rating in 6.1
----
CHEMISTRY
V
IL_CHEMISTRY
(Note 7)
Pulled low to set V
TERMX to VTERML.
-
-
0.6
V
V
IH_CHEMISTRY
(Note 7)
Pulled high to set V
TERMX to VTERMH.
1.5
-
-
V
R
CHEMISTRY
CHEMISTRY pull-down resistance
50
100
200
k
CHRG_DETB
V
OL
R
L 30 k
Ω to Radio B+, and V
PS > VIN
-
-
0.3
V
V
OH
R
L 30 k
Ω to Radio B+, and V
PS > VIN
0.9*
Radio B+
--
V
CHRG_STATE V
OL
R
L 30 k
Ω to Radio B+
Full-Rate Charge Mode
-
-
0.3
V
V
OH
R
L 30 k
Ω to Radio B+
Trickle Charge Mode or DISABLE High.
0.9*
Radio B+
--
V
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com