データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L082KB データシート(PDF) 30 Page - STMicroelectronics

部品番号 STM32L082KB
部品情報  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082KB データシート(HTML) 30 Page - STMicroelectronics

Back Button STM32L082KB Datasheet HTML 26Page - STMicroelectronics STM32L082KB Datasheet HTML 27Page - STMicroelectronics STM32L082KB Datasheet HTML 28Page - STMicroelectronics STM32L082KB Datasheet HTML 29Page - STMicroelectronics STM32L082KB Datasheet HTML 30Page - STMicroelectronics STM32L082KB Datasheet HTML 31Page - STMicroelectronics STM32L082KB Datasheet HTML 32Page - STMicroelectronics STM32L082KB Datasheet HTML 33Page - STMicroelectronics STM32L082KB Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
Functional overview
STM32L082xx
30/132
DS10688 Rev 7
3.16
AES
The AES Hardware Accelerator can be used to encrypt and decrypt data using the AES
algorithm (compatible with FIPS PUB 197, 2001 Nov 26).
•
Key scheduler
•
Key derivation for decryption
•
128-bit data block processed
•
128-bit key length
•
213 clock cycles to encrypt/decrypt one 128-bit block
•
Electronic codebook (ECB), cypher block chaining (CBC), and counter mode (CTR)
supported by hardware.
The AES can be served by the DMA controller.
Table 8. Capacitive sensing GPIOs available on STM32L082xx devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
-
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4(1)
1. PA4 and PA5 offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling
capacitor I/Os.
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5(1)
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB7
3
--
7
TSC_G7_IO1
PC0
TSC_G3_IO2
PB0
TSC_G7_IO2
PC1
TSC_G3_IO3
PB1
TSC_G7_IO3
PC2
TSC_G3_IO4
PB2
-
-
4
TSC_G4_IO1
PA9
TSC_G4_IO2
PA10
TSC_G4_IO3
PA11
TSC_G4_IO4
PA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More