データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L151CB-A データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32L151CB-A
部品情報  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CB-A データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32L151CB-A Datasheet HTML 40Page - STMicroelectronics STM32L151CB-A Datasheet HTML 41Page - STMicroelectronics STM32L151CB-A Datasheet HTML 42Page - STMicroelectronics STM32L151CB-A Datasheet HTML 43Page - STMicroelectronics STM32L151CB-A Datasheet HTML 44Page - STMicroelectronics STM32L151CB-A Datasheet HTML 45Page - STMicroelectronics STM32L151CB-A Datasheet HTML 46Page - STMicroelectronics STM32L151CB-A Datasheet HTML 47Page - STMicroelectronics STM32L151CB-A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
Pin descriptions
STM32L151x6/8/B-A STM32L152x6/8/B-A
44/129
DocID024330 Rev 4
82
-
-
B9
-
PD1
I/O
FT
PD1
SPI2_SCK
-
83
54 B5
C8
-
PD2
I/O
FT
PD2
TIM3_ETR/LCD_SEG31
/LCD_SEG43/
LCD_COM7
-
84
-
-
B8
-
PD3
I/O
FT
PD3
USART2_CTS/
SPI2_MISO
-
85
-
-
B7
-
PD4
I/O
FT
PD4
USART2_RTS/
SPI2_MOSI
-
86
-
-
A6
-
PD5
I/O
FT
PD5
USART2_TX
-
87
-
-
B6
-
PD6
I/O
FT
PD6
USART2_RX
-
88
-
-
A5
-
PD7
I/O
FT
PD7
USART2_CK/
TIM9_CH2
-
89
55 A5
A8
39
PB3
I/O
FT
JTDO
TIM2_CH2/PB3/
SPI1_SCK/
LCD_SEG7/JTDO
COMP2_INM
90
56 A4
A7
40
PB4
I/O
FT
NJTRST
TIM3_CH1/PB4/
SPI1_MISO/LCD_SEG8
/NJTRST
COMP2_INP
91
57 C4
C5
41
PB5
I/O
FT
PB5
I2C1_SMBA/TIM3_CH2/
SPI1_MOSI/LCD_SEG9
COMP2_INP
92
58 D3
B5
42
PB6
I/O
FT
PB6
I2C1_SCL/TIM4_CH1/
USART1_TX
-
93
59 C3
B4
43
PB7
I/O
FT
PB7
I2C1_SDA/TIM4_CH2/
USART1_RX
PVD_IN
94
60 B4
A4
44
BOOT0
I
B
BOOT0
-
-
95
61 B3
A3
45
PB8
I/O
FT
PB8
TIM4_CH3/I2C1_SCL/
LCD_SEG16/
TIM10_CH1
-
96
62 A3
B3
46
PB9
I/O
FT
PB9
TIM4_CH4/I2C1_SDA/
LCD_COM3/
TIM11_CH1
-
97
-
-
C3
-
PE0
I/O
FT
PE0
TIM4_ETR/LCD_SEG36
/ TIM10_CH1
-
Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More