| データシートサーチシステム |
|
STM32L152CBH7ADTR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152CBH7ADTR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 129 page ![]() DocID024330 Rev 4 9/129 STM32L151x6/8/B-A STM32L152x6/8/B-A Introduction 51 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32L151x6/8/B-A and STM32L152x6/8/B-A ultra-low-power ARM® Cortex®-M3 based microcontrollers product line. The ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A microcontroller family includes devices in 3 different package types: from 48 to 100 pins. Depending on the device chosen, different sets of peripherals are included, the description below gives an overview of the complete range of peripherals proposed in this family. These features make the ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A microcontroller family suitable for a wide range of applications: • Medical and handheld equipment • Application control and user interface • PC peripherals, gaming, GPS and sport equipment • Alarm systems, Wired and wireless sensors, Video intercom • Utility metering This STM32L151x6/8/B-A and STM32L152x6/8/B-A datasheet should be read in conjunction with the STM32L1xxxx reference manual (RM0038). The document "Getting started with STM32L1xxxx hardware development” AN3216 gives a hardware implementation overview. Both documents are available from the STMicroelectronics website www.st.com. For information on the ARM® Cortex®-M3 core please refer to the Cortex®-M3 Technical Reference Manual, available from the ARM website. Figure 1 shows the general block diagram of the device family. Caution: This datasheet does not apply to: – STM32L15xx6/8/B covered by a separate datasheet. |