| データシートサーチシステム |
|
STM32L151VBH7ADTR データシート(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VBH7ADTR データシート(HTML) 58 Page - STMicroelectronics |
|
58 / 129 page ![]() Electrical characteristics STM32L151x6/8/B-A STM32L152x6/8/B-A 58/129 DocID024330 Rev 4 VBOR0 Brown-out reset threshold 0 Falling edge 1.67 1.7 1.74 V Rising edge 1.69 1.76 1.8 VBOR1 Brown-out reset threshold 1 Falling edge 1.87 1.93 1.97 Rising edge 1.96 2.03 2.07 VBOR2 Brown-out reset threshold 2 Falling edge 2.22 2.30 2.35 Rising edge 2.31 2.41 2.44 VBOR3 Brown-out reset threshold 3 Falling edge 2.45 2.55 2.60 Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 Falling edge 2.68 2.8 2.85 Rising edge 2.78 2.9 2.95 VPVD0 Programmable voltage detector threshold 0 Falling edge 1.8 1.85 1.88 V Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.20 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold - 40 - mV All BOR and PVD thresholds excepting BOR0 -100 - 1. Guaranteed by characterization. 2. Valid for device version without BOR at power up. Please see option "D" in Ordering information scheme for more details. Table 15. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |