| データシートサーチシステム |
|
MPC8540 データシート(PDF) 156 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 データシート(HTML) 156 Page - Freescale Semiconductor, Inc |
|
156 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 2-38 Freescale Semiconductor Memory Map 0x5_0050 EIDR2—External interrupt 2 (IRQ2) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0060 EIVPR3—External interrupt 3 (IRQ3) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0070 EIDR3—External interrupt 3 (IRQ3) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0080 EIVPR4—External interrupt 4 (IRQ4) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0090 EIDR4—External interrupt 4 (IRQ4) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_00A0 EIVPR5—External interrupt 5 (IRQ5) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_00B0 EIDR5—External interrupt 5 (IRQ5) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_00C0 EIVPR6—External interrupt 6 (IRQ6) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_00D0 EIDR6—External interrupt 6 (IRQ6) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_00E0 EIVPR7—External interrupt 7 (IRQ7) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_00F0 EIDR7—External interrupt 7 (IRQ7) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0100 EIVPR8—External interrupt 8 (IRQ8) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0110 EIDR8—External interrupt 8 (IRQ8) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0120 EIVPR9—External interrupt 9 (IRQ9) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0130 EIDR9—External interrupt 9 (IRQ9) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0140 EIVPR10—External interrupt 10 (IRQ10) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0150 EIDR10—External interrupt 10 (IRQ10) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0160 EIVPR11—External interrupt 11 (IRQ11) vector/priority register R/W 0x8000_0000 10.3.6.1/10-32 0x5_0170 EIDR11—External interrupt 11 (IRQ11) destination register R/W 0x0000_0001 10.3.6.2/10-33 0x5_0180– 0x5_01F0 Reserved — — — 0x5_0200 IIVPR0—Internal interrupt 0 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0210 IIDR0—Internal interrupt 0 destination register R/W 0x0000_0001 10.3.6.4/10-35 Table 2-9. Memory Map (continued) Offset Register Access Reset Section/Page |