| データシートサーチシステム |
|
MPC8540 データシート(PDF) 158 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 データシート(HTML) 158 Page - Freescale Semiconductor, Inc |
|
158 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 2-40 Freescale Semiconductor Memory Map 0x5_0450 IIDR18—Internal interrupt 18 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0460 IIVPR19—Internal interrupt 19 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0470 IIDR19—Internal interrupt 19 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0480 IIVPR20—Internal interrupt 20 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0490 IIDR20—Internal interrupt 20 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_04A0 IIVPR21—Internal interrupt 21 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_04B0 IIDR21—Internal interrupt 21 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_04C0 IIVPR22—Internal interrupt 22 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_04D0 IIDR22—Internal interrupt 22 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_04E0 IIVPR23—Internal interrupt 23 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_04F0 IIDR23—Internal interrupt 23 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0500 IIVPR24—Internal interrupt 24 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0510 IIDR24—Internal interrupt 24 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0520 IIVPR25—Internal interrupt 25 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0530 IIDR25—Internal interrupt 25 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0540 IIVPR26—Internal interrupt 26 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0550 IIDR126—Internal interrupt 26 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0560 IIVPR27—Internal interrupt 27 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0570 IIDR27—Internal interrupt 27 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0580 IIVPR28—Internal interrupt 28 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_0590 IIDR28—Internal interrupt 28 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_05A0 IIVPR29—Internal interrupt 29 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_05B0 IIDR29—Internal interrupt 29 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_05C0 IIVPR30—Internal interrupt 30 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_05D0 IIDR30—Internal interrupt 30 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_05E0 IIVPR31—Internal interrupt 31 vector/priority register R/W 0x8080_0000 10.3.6.3/10-34 0x5_05F0 IIDR31—Internal interrupt 31 destination register R/W 0x0000_0001 10.3.6.4/10-35 0x5_0600– 0x5_15F0 Reserved — — — 0x5_1600 MIVPR0—Messaging interrupt 0 (MSG 0) vector/priority register R/W 0x8000_0000 10.3.6.5/10-36 0x5_1610 MIDR0—Messaging interrupt 0 (MSG 0) destination register R/W 0x0000_0001 10.3.6.6/10-37 0x5_1620 MIVPR1—Messaging interrupt 1 (MSG 1) vector/priority register R/W 0x8000_0000 10.3.6.5/10-36 0x5_1630 MIDR1—Messaging interrupt 1 (MSG 1) destination register R/W 0x0000_0001 10.3.6.6/10-37 Table 2-9. Memory Map (continued) Offset Register Access Reset Section/Page |