| データシートサーチシステム |
|
ATF1502SE データシート(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATF1502SE データシート(HTML) 2 Page - ATMEL Corporation |
|
2 / 69 page ![]() 2 ATF15xxSE Family 2401D–PLD–09/02 General Description Beginning with the introduction of the 100% connected ATF1500 with 32 enhanced macrocells in 1996, Atmel’s CPLD products have delivered extra IO connectivity and logic reusability. Atmel’s commitment to efficient, flexible architecture has continued with the current Atmel ATF15xxSE Family of industry-standard, pin-compatible CPLDs. Atmel’s Logic Doubling architecture consists of wider fan-in, additional routing and clock options, combined with sophisticated, proprietary device fitters, extend CPLD place and route efficiency. Atmel enhanced macrocell includes double independent buried feedback that allows designers to pack more logic (particularly shifters and latches) into a smaller CPLD or leave spare room for later revisions. The Atmel ATF15xxSE family delivers enhanced functionality and flexibility with no additional design effort and is highly cost effective. The Atmel ATF15xxSE Family includes all popular configurations and speeds. The Atmel ATF15xxSE Family includes pin-compatible products in all popular packages. Notes: 1. Contact Atmel for up-to-date information on device and package availability. 2. When the JTAG port is used for In System Programming (ISP) or Boundary-scan Testing (BST), the four associated pins become JTAG pins and are unavailable for user I/O. Table 1. ATF15xxSE Family Device Features Feature ATF1502SE(L) ATF1504SE(L) ATF1508SE(L) ATF1516SE(L) Usable Gates 750 1500 3000 6000 Macrocells 32 64 128 256 Logic Blocks 2 4 8 16 Max. # Pins 44 100 256 256 Max. User I/Os 36 68 100 164 T PD Grades (ns) 5, 6, 7, 10(15) 5, 6, 7, 10(15) 6, 7, 10(15) 7, 10(15) Table 2. ATF15xxSE Family Device Packages and Number of Signal Pins (1)(2) Packages ATF1502SE(L) ATF1504SE(L) ATF1508SE(L) ATF1516SE(L) 44-pin PLCC 36 36 44-pin TQFP 36 36 84-pin PLCC 68 68 100-pin TQFP 68 84 100-pin PQFP 84 160-pin PQFP 100 208-pin PQFP 164 208-pin RQFP 164 |