データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE812 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STMPE812
部品情報  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 データシート(HTML) 11 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 7Page - STMicroelectronics STMPE812 Datasheet HTML 8Page - STMicroelectronics STMPE812 Datasheet HTML 9Page - STMicroelectronics STMPE812 Datasheet HTML 10Page - STMicroelectronics STMPE812 Datasheet HTML 11Page - STMicroelectronics STMPE812 Datasheet HTML 12Page - STMicroelectronics STMPE812 Datasheet HTML 13Page - STMicroelectronics STMPE812 Datasheet HTML 14Page - STMicroelectronics STMPE812 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
STMPE812
Power supply
Doc ID 17732 Rev 3
11/51
3
Power supply
The STMPE812 GPIO operates from a supply pin VCC. For better resolution and noise
immunity, VCC above 2.8 V is recommended.
Power up reset
The STMPE812 is equipped with an internal POR circuit that holds the device in reset state,
until the VCC supply input is valid. The internal POR is tied to the VCC supply pin.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51