| データシートサーチシステム |
|
STNRGPF12 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF12 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 43 page ![]() 8 STNRGPF02/12 development tools The development tools for the STNRGPFx2 are provided by: • eDesign Suite This tool uses a graphical user interface to guide customers step-by-step to implementation of a solution in accordance with their specifications. The tool gives users the ability to navigate through an interactive and hierarchical schematic, providing additional information like Bode diagrams for both the current and the voltage loop, power loss calculation, bill of material, and easy shortcuts for datasheets and product folder web pages. The final output of this process is a complete design, with a binary file that contains the optimized firmware for that specific application, which can be uploaded to the STNRGPFx2 device using the UART serial communication port. • STNRG LOADER This tool permits the user to download the binary code from the eDesign Suite. STNRGPF02, STNRGPF12 STNRGPF02/12 development tools DS12895 - Rev 2 page 36/43 |