データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STNRGPF02TR データシート(PDF) 2 Page - STMicroelectronics

部品番号 STNRGPF02TR
部品情報  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR データシート(HTML) 2 Page - STMicroelectronics

  STNRGPF02TR Datasheet HTML 1Page - STMicroelectronics STNRGPF02TR Datasheet HTML 2Page - STMicroelectronics STNRGPF02TR Datasheet HTML 3Page - STMicroelectronics STNRGPF02TR Datasheet HTML 4Page - STMicroelectronics STNRGPF02TR Datasheet HTML 5Page - STMicroelectronics STNRGPF02TR Datasheet HTML 6Page - STMicroelectronics STNRGPF02TR Datasheet HTML 7Page - STMicroelectronics STNRGPF02TR Datasheet HTML 8Page - STMicroelectronics STNRGPF02TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
STNRGPF02 embeds inrush current control function setting high a signal that is used
to short a resistive element.
Documentation
This datasheet contains the description of features, pinout, pin assignment, electrical
characteristics, mechanical data and ordering information.
For information on programming, erasing and protection of the internal Flash
memory, please refer to the RM0446 User Manual (see www.st.com)
STNRGPF02, STNRGPF12
DS12895 - Rev 2
page 2/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43