データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACS120 データシート(PDF) 13 Page - STMicroelectronics

部品番号 ACS120
部品情報  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 データシート(HTML) 13 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics ACS120 Datasheet HTML 12Page - STMicroelectronics ACS120 Datasheet HTML 13Page - STMicroelectronics ACS120 Datasheet HTML 14Page - STMicroelectronics ACS120 Datasheet HTML 15Page - STMicroelectronics ACS120 Datasheet HTML 16Page - STMicroelectronics ACS120 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS3279 Rev 5
13/17
ACS120
Package information
17
3.3
TO-220AB package information
Figure 22. TO-220AB package outline
1. Resin gate position accepted in each of the two position as well as the symmetrical opposites.
Resin gate
0.5 mm max.
protusion(1)
Resin gate
0.5 mm max.
protusion(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17