データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN233 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STSPIN233
部品情報  Low voltage three phase and three sense motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN233 データシート(HTML) 16 Page - STMicroelectronics

Back Button STSPIN233 Datasheet HTML 12Page - STMicroelectronics STSPIN233 Datasheet HTML 13Page - STMicroelectronics STSPIN233 Datasheet HTML 14Page - STMicroelectronics STSPIN233 Datasheet HTML 15Page - STMicroelectronics STSPIN233 Datasheet HTML 16Page - STMicroelectronics STSPIN233 Datasheet HTML 17Page - STMicroelectronics STSPIN233 Datasheet HTML 18Page - STMicroelectronics STSPIN233 Datasheet HTML 19Page - STMicroelectronics STSPIN233 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Description
STSPIN233
16/22
DocID031111 Rev 1
6.4
Thermal shutdown
The device embeds circuitry protecting it from the overtemperature condition.
When the thermal shutdown temperature is reached, the power stage is disabled and the
EN\FAULT input is forced low through the integrated open-drain MOSFET (refer to
Figure 7).
The protection and the EN\FAULT output are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).
Figure 7. Thermal shutdown management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22