| データシートサーチシステム |
|
AM486DX2 データシート(PDF) 67 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM486DX2 データシート(HTML) 67 Page - Advanced Micro Devices |
|
67 / 67 page ![]() AMD PRELIMINARY Am5X86 Microprocessor 67 Notes: 1. All measurements are in millimeters unless otherwise noted. 2. Not to scale. For reference only. 30.40 30.80 27.90 28.10 25.50 REF Pin 156 Pin 208 Pin 52 Pin 104 Pin 1 I.D. 27.90 28.10 Seating Plane 0.50 BASIC 0.05 Min 3.25 3.45 3.70 Max. Top View Side View 25.50 REF 30.40 30.80 208-Pin SQFP Trademarks AMD, Am386, and Am486 are registered trademarks and Am5X86 is a trademark of Advanced Micro Devices, Inc. FusionPC is a service mark of Advanced Micro Devices, Inc. Microsoft and Windows are registered trademarks of Microsoft Corp. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. 0.50 0.75 |