| データシートサーチシステム |
|
APT20N60SC3 データシート(PDF) 4 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT20N60SC3 データシート(HTML) 4 Page - Advanced Power Technology |
|
4 / 5 page ![]() APT20N60B_SC3 Typical Performance Curves Crss Ciss Coss V DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) V DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE10,MAXIMUMSAFEOPERATINGAREA FIGURE11, CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE Qg,TOTALGATECHARGE(nC) V SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE FIGURE13, SOURCE-DRAINDIODEFORWARDVOLTAGE 1 10 100 600 0 10 20 30 40 50 0 20 40 60 80 100 120 140 0.3 0.5 0.7 0.9 1.1 1.3 1.5 62 10 5 1 0.6 16 12 8 4 0 TC=+25°C TJ=+150°C SINGLE PULSE 10mS 1mS 100µS TJ=+150°C TJ=+25°C I D (A) I D (A) FIGURE 14, DELAY TIMES vs CURRENT FIGURE 15, RISE AND FALL TIMES vs CURRENT ID (A) R G, GATE RESISTANCE (Ohms) FIGURE 16, SWITCHING ENERGY vs CURRENT FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE V DD = 400V R G = 5Ω T J = 125°C L = 100µH Eon Eoff tr tf 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 40 45 50 V DD = 400V I D = 20.7A T J = 125°C L = 100µH E ON includes diode reverse recovery. VDS=300V VDS=120V VDS=480V I D = 20.7A td(on) td(off) Eon Eoff 100 90 80 70 60 50 40 30 20 10 0 600 500 400 300 200 100 0 V DD = 400V R G = 5Ω T J = 125°C L = 100µH V DD = 400V R G = 5Ω T J = 125°C L = 100µH E ON includes diode reverse recovery. 20,000 10,000 1,000 100 10 200 100 10 1 OPERATIONHERE LIMITEDBYRDS(ON) 50 40 30 20 10 0 700 600 500 400 300 200 100 0 |