| データシートサーチシステム |
|
CMX90G302QF-R330 データシート(PDF) 4 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX90G302QF-R330 データシート(HTML) 4 Page - CML Microcircuits |
|
4 / 16 page ![]() 1.4 - 7.1 GHz Positive Gain Slope Amplifier +2dB CMX90G302 www.cmlmicro.com Page 4 D/90G302/3 September 2022 Pin Assignments Top View Pin Name Description 1 NC Connect to GND 2 NC Connect to GND 3 RFin RF input. Internally matched to 50 Ω with integrated DC-blocking capacitor. 4 NC Connect to GND 5 NC Connect to GND 6 NC Connect to GND 7 NC Connect to GND 8 NC Connect to GND 9 NC Connect to GND 10 RFout RF output. Internally matched to 50 Ω with integrated DC-blocking capacitor. 11 NC Connect to GND 12 NC Connect to GND 13 NC Connect to GND 14 Vd Voltage supply to amplifier 15 GND Connect to GND 16 Ven Amplifier enable input Die pad GND DC and RF ground. Exposed die pad must be connected to GND. Notes CML recommends that all no connect (NC) pins are connected to ground. The bottom exposed die pad must be connected to the ground plane on the board. |