| データシートサーチシステム |
|
DF2B5SL データシート(PDF) 4 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
DF2B5SL データシート(HTML) 4 Page - Toshiba Semiconductor |
|
4 / 9 page ![]() DF2B5SL 4 7. 7. 7. 7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) Characteristics Electrostatic discharge voltage (IEC61000-4-2) (Contact) Electrostatic discharge voltage (IEC61000-4-2) (Air) Peak pulse power (tp = 8/20 µs) Peak pulse current (tp = 8/20 µs) Junction temperature Storage temperature Symbol VESD PPK IPP Tj Tstg Note (Note 1) (Note 2) Rating ±17 ±17 77 5.5 150 -55 to 150 Unit kV W A Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: According to IEC61000-4-2. Note 2: According to IEC61000-4-5. 2018-06-27 Rev.1.0 ©2018 Toshiba Electronic Devices & Storage Corporation |