データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DF2S12P2FU データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 DF2S12P2FU
部品情報  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S12P2FU データシート(HTML) 3 Page - Toshiba Semiconductor

  DF2S12P2FU Datasheet HTML 1Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 2Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 3Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 4Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 5Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 6Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 7Page - Toshiba Semiconductor DF2S12P2FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DF2S12P2FU
3
6.2. Clamp Voltage - Peak Pulse Current (VC - IPP) (Note)
Fig. 6.2.1
VC - IPP
Fig. 6.2.2
Based on IEC61000-4-5 8/20 µs
pulse.
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25 �)
Characteristics
Electrostatic discharge voltage (IEC61000-4-2) (Contact)
Electrostatic discharge voltage (IEC61000-4-2) (Air)
Peak pulse power (tp = 8/20 µs)
Peak pulse current (tp = 8/20 µs)
Junction temperature
Storage temperature
Symbol
VESD
PPK
IPP
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
±30
±30
2160
60
150
-55 to 150
Unit
kV
W
A
�
�
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: According to IEC61000-4-2.
Note 2: According to IEC61000-4-5.
2022-11-02
Rev.1.0
©2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8