| データシートサーチシステム |
|
EVK-R6 データシート(PDF) 3 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6 データシート(HTML) 3 Page - u-blox AG |
|
3 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Contents Page 3 of 23 C1-Public Contents Document information................................................................................................................................2 Contents ..........................................................................................................................................................3 1 Starting up...............................................................................................................................................4 1.1 EVK-R6 overview .........................................................................................................................................4 1.2 EVK-R6 block diagram and basic description .......................................................................................5 1.3 Switches, jumpers and buttons ...............................................................................................................6 1.4 LEDs...............................................................................................................................................................6 1.5 Connectors ...................................................................................................................................................7 1.6 EVK-R6 pin out ............................................................................................................................................8 1.7 Software installation..................................................................................................................................9 1.8 Board setup ................................................................................................................................................10 1.9 Enabling error result codes .....................................................................................................................12 1.10 PIN code insertion (when required)........................................................................................................12 1.11 Registration on a cellular network.........................................................................................................12 1.12 Switching off the EVK-R6 .......................................................................................................................12 Appendix ....................................................................................................................................................... 13 A Setting up AT terminal applications for communication with EVK-R6............................ 13 B Setting up cellular packet data connection on Windows...................................................... 14 B.1 How to install and configure a low data rate modem connection...................................................14 B.2 How to install and configure a high data rate modem connection .................................................16 C Examples of AT commands ............................................................................................................. 18 C.1 Define the initial default bearer for connectivity................................................................................18 C.2 Data connection using internal TCP/IP stack .....................................................................................18 C.3 Opening a TCP socket ..............................................................................................................................19 C.4 Opening a UDP socket..............................................................................................................................19 C.5 Configure audio interface for earphones .............................................................................................20 D Current consumption measurement............................................................................................ 21 E Glossary ................................................................................................................................................. 22 F Declaration of conformities............................................................................................................. 22 Related documentation ........................................................................................................................... 23 Revision history.......................................................................................................................................... 23 Contact.......................................................................................................................................................... 23 |