データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EVK-R6001-00B データシート(PDF) 17 Page - u-blox AG

部品番号 EVK-R6001-00B
部品情報  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  U-BLOX [u-blox AG]
ホームページ  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6001-00B データシート(HTML) 17 Page - u-blox AG

Back Button EVK-R6001-00B Datasheet HTML 13Page - u-blox AG EVK-R6001-00B Datasheet HTML 14Page - u-blox AG EVK-R6001-00B Datasheet HTML 15Page - u-blox AG EVK-R6001-00B Datasheet HTML 16Page - u-blox AG EVK-R6001-00B Datasheet HTML 17Page - u-blox AG EVK-R6001-00B Datasheet HTML 18Page - u-blox AG EVK-R6001-00B Datasheet HTML 19Page - u-blox AG EVK-R6001-00B Datasheet HTML 20Page - u-blox AG EVK-R6001-00B Datasheet HTML 21Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 17 of 23
C1-Public
3.
Select “Dial-up” and, if requested, the
modem previously installed.
4.
Select one of the two AT commands
ports.
5.
Enter the parameters for the dial-up
connection:
o
The
module
telephone
number:
*99***1#
(change if using a PDP context
different from 1)
o
The specific account information for
the network operator
o
A name for the connection (e.g., “R6
Dial-up”)
The packet data connection is now ready to be used with EVK-R6. Click “Connect” to start the
connection, then start a browser to check internet connectivity.
Consult the cellular network operator for username and password. In most cases, they can be left
empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23