| データシートサーチシステム |
|
R591 データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
R591 データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 8 page ![]() Technical Data Sheet COAXIAL SUBMINIATURE MULTIPORT SWITCHES PAGE 8/8 ISSUE 09-02-18 SERIES SPnT PART NUMBER R591 XXX XXX This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary. POWER RATING CHART This graph is based on the following conditions : - Ambient temperature : + 25°C - Sea level - V.S.W.R. : 1 and cold switching DERATING FACTOR VERSUS V.S.W.R. The average power input must be reduced for load V.S.W.R. above 1. |