| データシートサーチシステム |
|
400ABDBB2 データシート(PDF) 43 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
400ABDBB2 データシート(HTML) 43 Page - ON Semiconductor |
|
43 / 47 page ![]() NCP12400 www.onsemi.com 43 Figure 75. Latch Timing Diagram VCC(on) VCC(min) Temperature Shutdown The NCP12400 includes a temperature shutdown protection with a trip point typically at 150 °C and the typical hysteresis of 30 °C. When the temperature rises above the high threshold, the controller stops switching instantaneously, and goes to the off mode with extremely low power consumption. There is kept the VCC supply to keep the TSD information. When the temperature falls below the low threshold, the start−up of the device is enabled again, and a regular start−up sequence takes place. See the status diagrams at the Figure 44. |